データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

C511 データシート(PDF) 39 Page - Siemens Semiconductor Group

部品番号 C511
部品情報  8-Bit CMOS Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C511 データシート(HTML) 39 Page - Siemens Semiconductor Group

Back Button C511 Datasheet HTML 35Page - Siemens Semiconductor Group C511 Datasheet HTML 36Page - Siemens Semiconductor Group C511 Datasheet HTML 37Page - Siemens Semiconductor Group C511 Datasheet HTML 38Page - Siemens Semiconductor Group C511 Datasheet HTML 39Page - Siemens Semiconductor Group C511 Datasheet HTML 40Page - Siemens Semiconductor Group C511 Datasheet HTML 41Page - Siemens Semiconductor Group C511 Datasheet HTML 42Page - Siemens Semiconductor Group C511 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Semiconductor Group
6-6
On-Chip Peripheral Units
Figure 6-15c
Driver Circuit of Port 1 pins P1.3 and P1.5 (when used for SRI and SLS)
When enabling the SSC, inputs used for the SSC will be switched into a high-impedance mode.
For P1.3/SRI, Tristate will be enabled, when the SSC is enabled.
For P1.5/SLS, Tristate will be enabled, when the SSC is enabled and is switched to slave mode. In
master mode this pin will remain a regular I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More