| データシートサーチシステム |
|
T80C5112-RKFIV データシート(PDF) 55 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKFIV データシート(HTML) 55 Page - ATMEL Corporation |
|
55 / 97 page ![]() Rev. B - November 10, 2000 55 Preliminary T80C5112 Figure 24. PCA Capture Mode 13.2. 16-bit Software Timer / Compare Mode The PCA modules can be used as software timers by setting both the ECOM and MAT bits in the modules CCAPMn register. The PCA timer will be compared to the module's capture registers and when a match occurs an interrupt will occur if the CCFn (CCON SFR) and the ECCFn (CCAPMn SFR) bits for the module are both set (See Figure 25). CF CR CCON 0xD8 CH CL CCAPnH CCAPnL CCF4 CCF3 CCF2 CCF1 CCF0 PCA IT PCA Counter/Timer ECOMn CCAPMn, n= 0 to 4 0xDA to 0xDE CAPNn MATn TOGn PWMn ECCFn CAPPn Cex.n Capture |