| データシートサーチシステム |
|
XC2000 データシート(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 データシート(HTML) 21 Page - Infineon Technologies AG |
|
21 / 110 page ![]() XC2287 / XC2286 / XC2285 XC2000 Family Derivatives General Device Information Preliminary Data Sheet 19 V0.91, 2007-02 Draft Version 82 P2.9 O0 / I St/B Bit 9 of Port 2, General Purpose Input/Output U0C1_DOUT O1 St/B USIC0 Channel 1 Shift Data Output TxDC1 O2 St/B CAN Node 1 Transmit Data Output CC2_6 O3 / I St/B CAPCOM2 CC6IO Capture Inp./ Compare Out. A22 OH St/B External Bus Interface Address Line 22 DIRIN I St/B Clock Signal Input TCK_A I St/B JTAG Clock Input 83 P0.2 O0 / I St/B Bit 2 of Port 0, General Purpose Input/Output U1C0_ SCLKOUT O1 St/B USIC1 Channel 0 Shift Clock Output TxDC0 O2 St/B CAN Node 0 Transmit Data Output CCU61_ CC62 O3 / I St/B CCU61 Channel 2 Input/Output A2 OH St/B External Bus Interface Address Line 2 U1C0_DX1B I St/B USIC1 Channel 0 Shift Clock Input 84 P10.0 O0 / I St/B Bit 0 of Port 10, General Purpose Input/Output U0C1_DOUT O1 St/B USIC0 Channel 1 Shift Data Output CCU60_ CC60 O2 / I St/B CCU60 Channel 0 Input/Output AD0 OH / I St/B External Bus Interface Address/Data Line 0 U0C0_DX0A I St/B USIC0 Channel 0 Shift Data Input U0C1_DX0A I St/B USIC0 Channel 1 Shift Data Input 85 P3.0 O0 / I St/B Bit 0 of Port 3, General Purpose Input/Output U2C0_DOUT O1 St/B USIC2 Channel 0 Shift Data Output BREQ OH St/B External Bus Request Output U2C0_DX0A I St/B USIC2 Channel 0 Shift Data Input RxDC3B I St/B CAN Node 3 Receive Data Input U2C0_DX1A I St/B USIC2 Channel 0 Shift Clock Input Table 2 Pin Definitions and Functions (cont’d) Pin Symbol Ctrl. Type Function |