| データシートサーチシステム |
|
XC2000 データシート(PDF) 95 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 データシート(HTML) 95 Page - Infineon Technologies AG |
|
95 / 729 page ![]() XC2000 Derivatives Peripheral Units (Vol. 2 of 2) Analog to Digital Converter Preliminary User’s Manual 16-1 V1.0, 2007-06 ADC, UM_V0.1D6 16 Analog to Digital Converter The Analog to Digital Converter module (ADC) of the XC2000 allows the conversion of analog input values into discrete digital values based on the successive approximation method. With this method, the conversion result is elaborated bit by bit, starting with the most significant bit. As a consequence, an analog to digital conversion requires a certain number of clock cycles. This chapter is structured as follows: • Introduction (see Section 16.1) • Operating the ADC (see Section 16.2) • Module implementation in XC2000 (see Section 16.3) 16.1 Introduction This section gives an overview about the feature set of the ADC module and introduces the general structure. It describes the: • ADC block diagram with two kernels (see Section 16.1.1) • Feature set description (see Section 16.1.2) • Abbreviations (see Section 16.1.3) • Kernel overview (see Section 16.1.4) • Conversion request handling (see Section 16.1.5) • Conversion result handling (see Section 16.1.6) • Interrupt structure (see Section 16.1.7) • Electrical models (see Section 16.1.8) • Transfer characteristics and error definitions (see Section 16.1.9) |