| データシートサーチシステム |
|
T84C5112-RKSEL データシート(PDF) 26 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T84C5112-RKSEL データシート(HTML) 26 Page - ATMEL Corporation |
|
26 / 97 page ![]() 26 Rev. B - November 10, 2000 Preliminary T80C5112 9.3. Registers Table 11. P1M1 Register P1M1 Address (D4h) Reset value 0000 00XX Table 12. P1M2 Register P1M2 Address (E2h) Reset value 0000 00XX Table 13. P3M1 Register P3M1 Address (D5h) Reset value 0000 0000 Table 14. P3M2 Register P3M2 Address (E4h) Reset value 0000 0000 Table 15. P4M1 Register P4M1 Address (D6h) 7 6 5 4 3 2 1 0 P1M1.7 P1M1.6 P1M1.5 P1M1.4 P1M1.3 P1M1.2 P1M1.1 P1M1.0 Bit Number Bit Mnemonic Description 7 : 0 P1M1.x Port Output configuration bit See Table 10. for conÞguration deÞnition 7 6 5 4 3 2 1 0 P1M2.7 P1M2.6 P1M2.5 P1M2.4 P1M2.3 P1M2.2 P1M2.1 P1M2.0 Bit Number Bit Mnemonic Description 7 : 0 P1M2.x Port Output configuration bit See Table 10. for conÞguration deÞnition 7 6 5 4 3 2 1 0 P3M1.7 P3M1.6 P3M1.5 P3M1.4 P3M1.3 P3M1.2 P3M1.1 P3M1.0 Bit Number Bit Mnemonic Description 7 : 0 P3M1.x Port Output configuration bit See Table 10. for conÞguration deÞnition 7 6 5 4 3 2 1 0 P3M2.7 P3M2.6 P3M2.5 P3M2.4 P3M2.3 P3M2.2 P3M2.1 P3M2.0 Bit Number Bit Mnemonic Description 7 : 0 P3M2.x Port Output configuration bit See Table 10. for conÞguration deÞnition 7 6 5 4 3 2 1 0 P4M1.7 P4M1.6 P4M1.5 P4M1.4 P4M1.3 P4M1.2 P4M1.1 P4M1.0 |