| データシートサーチシステム |
|
T84C5112-RKREL データシート(PDF) 45 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T84C5112-RKREL データシート(HTML) 45 Page - ATMEL Corporation |
|
45 / 97 page ![]() Rev. B - November 10, 2000 45 Preliminary T80C5112 12.4.3. Error conditions The following flags in the SPSTA signal SPI error conditions: 12.4.3.1. Mode Fault (MODF) MODe Fault error in Master mode SPI indicates that the level on the Slave Select (SS) pin is inconsistent with the actual mode of the device. MODF is set to warn that there may have a multi-master conflict for system control. In this case, the SPI system is affected in the following ways: · An SPI receiver/error CPU interrupt request is generated. · The SPEN bit in SPCON is cleared. This disable the SPI. · The MSTR bit in SPCON is cleared. When SS DISable (SSDIS) bit in the SPCON register is cleared, the MODF flag is set when the SS signal becomes Õ0Õ. However, as stated before, for a system with one Master, if the SS pin of the Master device is pulled low, there is no way that another Master is attempting to drive the network. In this case, to prevent the MODF flag from being set, software can set the SSDIS bit in the SPCON register and therefore making the SS pin as a general purpose I/O pin. Clearing the MODF bit is accomplished by a read of SPSTA register with MODF bit set, followed by a write to the SPCON register. SPEN Control bit may be restored to its original set state after the MODF bit has been cleared. 12.4.3.2. Write Collision (WCOL) A Write COLlision (WCOL) flag in the SPSTA is set when a write to the SPDAT register is done during a transmit sequence. WCOL does not cause an interruption, and the transfer continues uninterrupted. Clearing the WCOL bit is done through a software sequence of an access to SPSTA and an access to SPDAT. 12.4.3.3. Overrun Condition An overrun condition occurs when the Master device tries to send several data bytes and the Slave devise has not cleared the SPIF bit issuing from the previous data byte transmitted. In this case, the receiver buffer contains the byte sent after the SPIF bit was last cleared. A read of the SPDAT returns this byte. All others bytes are lost. This condition is not detected by the SPI peripheral. 12.4.4. Interrupts Two SPI status flags can generate a CPU interrupt requests: Table 22. SPI Interrupts Serial Peripheral data transfer flag, SPIF: This bit is set by hardware when a transfer has been completed. SPIF bit generates transmitter CPU interrupt requests. Mode Fault flag, MODF: This bit becomes set to indicate that the level on the SS is inconsistent with the mode of the SPI. MODF with SSDIS reset, generates receiver/error CPU interrupt requests. Figure 21 gives a logical view of the above statements: Flag Request SPIF (SP data transfer) SPI Transmitter Interrupt request MODF (Mode Fault) SPI Receiver/Error Interrupt Request (if SSDIS = Õ0Õ) |