| データシートサーチシステム |
|
T80C5112-RKREL データシート(PDF) 61 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKREL データシート(HTML) 61 Page - ATMEL Corporation |
|
61 / 97 page ![]() Rev. B - November 10, 2000 61 Preliminary T80C5112 The end-of-conversion flag ADEOC (ADCON.4) is set when the value of conversion is available in ADDH and ADDL, it is cleared by software. If the bit EADC (IE1.1) is set, an interrupt occur when flag ADEOC is set (see Figure 31). Clear this flag for re-arming the interrupt. The bits SCH0 to SCH2 in ADCON register are used for the analog input channel selection. Before starting normal power reduction modes the ADC conversion has to be completed. Table 34. Selected Analog input 14.5. Voltage Conversion When the ADCIN is equals to VAREF the ADC converts the signal to 3FFh (full scale). If the input voltage equals VAGND, the ADC converts it to 000h. Input voltage between VAREF and VAGND are a straight-line linear conversion. All other voltages will result in 3FFh if greater than VAREF and 000h if less than VAGND. Note that ADCIN should not exceed VAREF absolute maximum range. 14.6. Clock Selection The maximum clock frequency for ADC (CONV_CK for Conversion Clock) is defined in the AC characteristics section. A prescaler is featured (ADCCLK) to generate the CONV_CK clock from the oscillator frequency. Figure 30. A/D Converter clock SCH2 SCH1 SCH0 Selected Analog input 0 0 0 AN0 0 0 1 AN1 0 1 0 AN2 0 1 1 AN3 1 0 0 AN4 1 0 1 AN5 1 1 0 AN6 1 1 1 AN7 Prescaler ADCLK A/D Converter CONV_CK CKADC / 2 |