| データシートサーチシステム |
|
STE2002 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2002 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 51 page ![]() STE2002 26/51 Table 2. Extended Instruction Set Instruction D/C R/W Description B7 B6 B5 B4 B3 B2 B1 B0 H Independent Instructions NOP 00 000 00 000 Read I2C Address (with Serial Interface only) Function Set 0 0 0 0 1 MX MY PD H[1] H[0] Power Down Management; Entry Mode; Extended Instruction Set Read Status Byte 0 1 PD 00 D E MX MY DO (I2C interface only) Write Data 1 0 D7 D6 D5 D4 D3 D2 D1 D0 Writes data to RAM H=[0;0] RAM Commands Memory Blank 0 0 0 0 0 0 0 0 0 1 Starts Memory Blank Procedure Scroll 0 0 0 0 0 0 0 0 1 DIR Scrolls by one Row UP or DOWN VLCD Range Setting 00 000 00 1 PRS [1] PRS [0] VLDC programming range selection Display Control 0 0 0 0 0 0 1 D 0 E Select Display Configuration Set CP Factor 0 0 0 0 0 1 0 S2 S1 S0 Charge Pump Multiplication factor Set RAM Y 0 0 0 1 0 0 Y3 Y2 Y1 Y0 Set Horizontal (Y) RAM Address Set RAM X 0 0 1 X6 X5 X4 X3 X2 X1 X0 Set Vertical (X) RAM Address H=[0;1] Checker Board 0 0 0 0 0 0 0 0 0 1 Starts Checker Board Procedure 0 0 0 0 0 0 0 0 1 V Vertical Addressing Mode TC Select 0 0 0 0 0 0 0 1 TC1 TC0 Set Temperature Coefficient for VLDC Data Format 0 0 0 0 0 0 1 DO 0 0 MSB Position Bias Ratios 0 0 0 0 0 1 0 BS2 BS1 BS0 Set desired Bias Ratios 0 0 0 1 X XXX XX Reserved Set VOP 00 1 OP6 OP5 OP4 OP3 OP2 OP1 OP0 VOP register Write instruction H=[1;0] 0 0 0 0 0 0 0 0 0 1 Software RESET 00 000 00 01 PE Partial Enable 00 000 00 1 FR1 FR0 Frame rate Control 00 000 01 0 M[1] M[0] Mux Ratio Partial Mode 0 0 0 0 0 1 0 PD2 PD1 PD0 Partial Display Config 00 01 PD Y5 PD Y4 PD Y3 PD Y2 PD Y1 PDY 0 1st Sector Start Address 00 1 PD Y6 PD Y5 PD Y4 PD Y3 PD Y2 PD Y1 PD Y0 2nd Sector Start Address H=[1;1] 0 0 0 0 0 0 0 0 0 1 Scrolling Pointer Reset 00 000 00 01 X Not Used 00 000 00 1 X X Not Used 00 000 01 T2 T1 T0 Set Temperature Coefficient for VLDC 00 000 1 X X X X Not Used 00 010 0 YC-3 YC-2 YC-1 YC-0 Y-CARRIAGE RETURN 00 1 XC-6 XC-5 XC-4 XC-3 XC-2 XC-1 XC-0 X CARRIAGE RETURN |