データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STE800P データシート(PDF) 4 Page - STMicroelectronics

部品番号 STE800P
部品情報  10/100 BASE-TX/FX 8 PORT TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE800P データシート(HTML) 4 Page - STMicroelectronics

  STE800P Datasheet HTML 1Page - STMicroelectronics STE800P Datasheet HTML 2Page - STMicroelectronics STE800P Datasheet HTML 3Page - STMicroelectronics STE800P Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
® 2001 STMicroelectronics - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain
- Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
4/4
STE800P
PACKAGE TYPE: PQFP 208 / BODY 28X28X3.49mm
REF
Dimensions mm
Dimensions inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX
A
4.10
0.161
A1
0.25
0.010
A2
3.40
3.20
3.60
0.134
0.126
0.142
B
0.17
0.27
0.007
0.011
C
0.09
0.20
0.003
0.008
D
30.60
1.205
D1
28.00
1.102
D3
25.50
1.004
e
0.50
0.020
E
30.60
1.205
E1
28.00
1.102
E3
25.50
1.004
L
0.45
0.60
0.75
0.018
0.024
0.029
L1
1.30
0.51
K
0 deg. (min), 3.5 deg. (typ.), 7 deg.(max)



Html Pages

1 2 3 4