| データシートサーチシステム |
|
ST62T08BN3/OTP データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T08BN3/OTP データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 8/104 Legend / Abbreviations for Table 1: * Depending on device. Please refer to Section 7 "I/O PORTS" on page 37. I = input, O = output, S = supply, IPU = input with pull-up The input with pull-up configuration (reset state) is valid as long as the user software does not change it. Refer to Section 7 "I/O PORTS" on page 37 for more details on the software configuration of the I/O ports. 19 PA0/ 20mA Sink I/O Pin A0 (IPU) 20 VSS S Ground Pin n° Pin Name Main Function (after Reset) Alternate Function 6 |