データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST62T10BN3/OTP データシート(PDF) 50 Page - STMicroelectronics

部品番号 ST62T10BN3/OTP
部品情報  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T10BN3/OTP データシート(HTML) 50 Page - STMicroelectronics

Back Button ST62T10BN3/OTP Datasheet HTML 46Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 47Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 48Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 49Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 50Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 51Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 52Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 53Page - STMicroelectronics ST62T10BN3/OTP Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
ST6208C/ST6209C/ST6210C/ST6220C
50/104
8-BIT TIMER (Cont’d)
8.2.5 Low Power Modes
8.2.6 Interrupts
Mode
Description
WAIT
No effect on timer.
Timer interrupt events cause the device to
exit from WAIT mode.
STOP
Timer registers are frozen except in Event
Counter mode (with external clock on TIM-
ER pin).
Interrupt Event
Event
Flag
Enable
Bit
Exit
from
Wait
Exit
from
Stop
Timer Zero
Event
TMZ
ETI
Yes
Yes
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More