データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6375S データシート(PDF) 8 Page - STMicroelectronics

部品番号 L6375S
部品情報  0.5A high-side driver industrial intelligent power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375S データシート(HTML) 8 Page - STMicroelectronics

Back Button L6375S Datasheet HTML 4Page - STMicroelectronics L6375S Datasheet HTML 5Page - STMicroelectronics L6375S Datasheet HTML 6Page - STMicroelectronics L6375S Datasheet HTML 7Page - STMicroelectronics L6375S Datasheet HTML 8Page - STMicroelectronics L6375S Datasheet HTML 9Page - STMicroelectronics L6375S Datasheet HTML 10Page - STMicroelectronics L6375S Datasheet HTML 11Page - STMicroelectronics L6375S Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
L6375S
8/17
2.4
Switching waveform
Figure 3.
Switching waveform
2.5
Input section
An Single ended Input TTL/CMOS compatible with wide voltage range and high noise
immunity (thanks to a built in hysteresis) is available.
2.6
Over temperature protection (OVT)
An on-chip Over Temperature Protection provides an excellent protection of the device in
extreme conditions. Whenever the temperature - measured on a central portion of the chip
exceeds Tmax = 150
oC (typical value) the device is shut off, and the DIAG2 output goes
LOW. Normal operation is resumed as the chip temperature (normally after few seconds)
falls below Tmax - Thys = 130
oC (typical value). The hysteresis avoid that is an intermittent
behavior take place.
2.7
Under voltage protection (UV)
The supply voltage is expected to range from 8 to 35V. In this range the device operates
correctly. To avoid any misfunctioning the supply voltage is continuously monitored to
provide an under voltage protection. As Vs falls below Vsth-Vshys (typically 7.5 V, see fig.1)
the output power MOS is switched off and DIAG1 and DIAG2 (see Diagnostic truth table).
Normal operation is resumed as soon as Vs exceeds Vsth. The hysteretic behavior prevents
intermittent operation at low supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17