データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6374 データシート(PDF) 16 Page - STMicroelectronics

部品番号 L6374
部品情報  Industrial quad line driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6374 データシート(HTML) 16 Page - STMicroelectronics

Back Button L6374 Datasheet HTML 11Page - STMicroelectronics L6374 Datasheet HTML 12Page - STMicroelectronics L6374 Datasheet HTML 13Page - STMicroelectronics L6374 Datasheet HTML 14Page - STMicroelectronics L6374 Datasheet HTML 15Page - STMicroelectronics L6374 Datasheet HTML 16Page - STMicroelectronics L6374 Datasheet HTML 17Page - STMicroelectronics L6374 Datasheet HTML 18Page - STMicroelectronics L6374 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
L6374
16/19
13
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19