データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6388E データシート(PDF) 13 Page - STMicroelectronics

部品番号 L6388E
部品情報  High-voltage high and low side driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6388E データシート(HTML) 13 Page - STMicroelectronics

Back Button L6388E Datasheet HTML 9Page - STMicroelectronics L6388E Datasheet HTML 10Page - STMicroelectronics L6388E Datasheet HTML 11Page - STMicroelectronics L6388E Datasheet HTML 12Page - STMicroelectronics L6388E Datasheet HTML 13Page - STMicroelectronics L6388E Datasheet HTML 14Page - STMicroelectronics L6388E Datasheet HTML 15Page - STMicroelectronics L6388E Datasheet HTML 16Page - STMicroelectronics L6388E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
L6388E
Package mechanical data
13/18
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18