データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF151N データシート(PDF) 10 Page - STMicroelectronics

部品番号 LF151N
部品情報  Wide bandwidth single JFET operational amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF151N データシート(HTML) 10 Page - STMicroelectronics

Back Button LF151N Datasheet HTML 6Page - STMicroelectronics LF151N Datasheet HTML 7Page - STMicroelectronics LF151N Datasheet HTML 8Page - STMicroelectronics LF151N Datasheet HTML 9Page - STMicroelectronics LF151N Datasheet HTML 10Page - STMicroelectronics LF151N Datasheet HTML 11Page - STMicroelectronics LF151N Datasheet HTML 12Page - STMicroelectronics LF151N Datasheet HTML 13Page - STMicroelectronics LF151N Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package information
LF351
10/14
6
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14