データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM158W データシート(PDF) 14 Page - STMicroelectronics

部品番号 LM158W
部品情報  Low power dual operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM158W データシート(HTML) 14 Page - STMicroelectronics

Back Button LM158W_08 Datasheet HTML 10Page - STMicroelectronics LM158W_08 Datasheet HTML 11Page - STMicroelectronics LM158W_08 Datasheet HTML 12Page - STMicroelectronics LM158W_08 Datasheet HTML 13Page - STMicroelectronics LM158W_08 Datasheet HTML 14Page - STMicroelectronics LM158W_08 Datasheet HTML 15Page - STMicroelectronics LM158W_08 Datasheet HTML 16Page - STMicroelectronics LM158W_08 Datasheet HTML 17Page - STMicroelectronics LM158W_08 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package information
LM158W-LM258W-LM358W
14/18
5.3
MiniSO-8 package information
Figure 30.
MiniSO-8 package mechanical drawing
Table 6.
MiniSO-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0
0.15
0
0.006
A2
0.75
0.85
0.95
0.030
0.033
0.037
b
0.22
0.40
0.009
0.016
c
0.08
0.23
0.003
0.009
D
2.80
3.00
3.20
0.11
0.118
0.126
E
4.65
4.90
5.15
0.183
0.193
0.203
E1
2.80
3.00
3.10
0.11
0.118
0.122
e
0.65
0.026
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
0.95
0.037
L2
0.25
0.010
k
0°8°
0°8°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18