データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM319DT データシート(PDF) 9 Page - STMicroelectronics

部品番号 LM319DT
部品情報  High speed dual comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM319DT データシート(HTML) 9 Page - STMicroelectronics

Back Button LM319DT Datasheet HTML 4Page - STMicroelectronics LM319DT Datasheet HTML 5Page - STMicroelectronics LM319DT Datasheet HTML 6Page - STMicroelectronics LM319DT Datasheet HTML 7Page - STMicroelectronics LM319DT Datasheet HTML 8Page - STMicroelectronics LM319DT Datasheet HTML 9Page - STMicroelectronics LM319DT Datasheet HTML 10Page - STMicroelectronics LM319DT Datasheet HTML 11Page - STMicroelectronics LM319DT Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM119-LM219-LM319
Package information
9/12
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
5.1
DIP14 package information
Figure 20.
DIP14 package mechanical drawing
Table 4.
DIP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12