データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS204CDT データシート(PDF) 14 Page - STMicroelectronics

部品番号 LS204CDT
部品情報  High performance dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS204CDT データシート(HTML) 14 Page - STMicroelectronics

Back Button LS204CDT Datasheet HTML 8Page - STMicroelectronics LS204CDT Datasheet HTML 9Page - STMicroelectronics LS204CDT Datasheet HTML 10Page - STMicroelectronics LS204CDT Datasheet HTML 11Page - STMicroelectronics LS204CDT Datasheet HTML 12Page - STMicroelectronics LS204CDT Datasheet HTML 13Page - STMicroelectronics LS204CDT Datasheet HTML 14Page - STMicroelectronics LS204CDT Datasheet HTML 15Page - STMicroelectronics LS204CDT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
LS204
14/16
5.2
SO-8 package information
Figure 17.
SO-8 package mechanical drawing
Table 9.
SO-8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
1°8°
1°8°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16