データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41ST85WMX6F データシート(PDF) 40 Page - STMicroelectronics

部品番号 M41ST85WMX6F
部品情報  3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMX6F データシート(HTML) 40 Page - STMicroelectronics

Back Button M41ST85WMX6F Datasheet HTML 33Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 34Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 35Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 36Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 37Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 38Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 39Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 40Page - STMicroelectronics M41ST85WMX6F Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Revision history
M41ST85W
40/41
8
Revision history
Table 20.
Document revision history
Date
Revision
Changes
Aug-2000
1.0
First issue
24-Aug-2000
1.1
Block Diagram added (Figure 4)
12-Oct-2000
1.2
trec Table removed, cross references corrected
18-Dec-2000
2.0
Reformatted, TOC added, and PFI Input Leakage Current added (Table 11)
18-Jun-2001
2.1
Addition of trec information, table changed, one added (Table 2, 6); changed PFI/PFO
graphic (see Figure 4); change to DC and AC Characteristics, Order Information
(Table 11, 12, 18); note added to “Setting Alarm Clock Registers” section; added
temp./voltage info. to tables (Table 10, 11, 6, 12, 13); addition of Default Values
(Table 7)
22-Jun-2001
2.2
Note added to Clock Operation section
26-Jul-2001
3.0
Change in Product Maturity
07-Aug-2001
3.1
Improve text in “Setting the Alarm Clock” section
20-Aug-2001
3.2
Change VPFD values in document
06-Sep-2001
3.3
DC Characteristics VBAT changed; VOHB changed; PFI Hysteresis (PFI Rising) spec.
added; and Crystal Electrical Characteristics table removed (Table 11, 6)
03-Dec-2001
3.4
Changed READ/WRITE Mode Sequences (Figure 10, 12); change in VPFD lower limit
for 5V (M41ST85Y) part only (Table 11, 18)
01-May-2002
3.5
Change trec Definition (Table 6); modify reflow time and temperature footnote (Table 8)
03-Jul-2002
3.6
Modify DC Characteristics table footnote, Default Values (Table 11, 7)
15-Nov-2002
3.7
Added embedded crystal (MX) package option; corrected initial power-up condition
(cover page, Figure 1, 3, 4, 5, 24, Table 1, 7, 18, 17)
24-Jan-2003
3.8
Update diagrams (Figure 4, 5, 24); update values (Table 13, 5, 6, 7, 17)
25-Feb20-03
4.0
New Si changes (Table 13, 5, 6); corrected dimensions (Figure 24; Table 17)
20-May-2004
5.0
Reformatted; correct dimensions; update Lead-free information (Figure 20, 13, 16;
Table 8, 16, 18)
15-Jun-2004
6.0
Update characteristics; add package shipping (Figure 3; Table 1, 11, 18)
13-Sep-2004
7.0
Update Maximum ratings (Table 8)
10-Jan-2006
8.0
Updated template, Lead-free text, removed 5V references (Figure 1, 2, 3, 4, 5; Table 5,
8, 9, 11, 12, 13, 18, 19)
03-Oct-2007
9.0
Reformatted document, some text changes; added lead-free second level interconnect
information to cover page and Section 6: Package mechanical data; updated Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41