データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T00AUD データシート(PDF) 39 Page - STMicroelectronics

部品番号 M41T00AUD
部品情報  Serial real-time clock with audio
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00AUD データシート(HTML) 39 Page - STMicroelectronics

Back Button M41T00AUD Datasheet HTML 35Page - STMicroelectronics M41T00AUD Datasheet HTML 36Page - STMicroelectronics M41T00AUD Datasheet HTML 37Page - STMicroelectronics M41T00AUD Datasheet HTML 38Page - STMicroelectronics M41T00AUD Datasheet HTML 39Page - STMicroelectronics M41T00AUD Datasheet HTML 40Page - STMicroelectronics M41T00AUD Datasheet HTML 41Page - STMicroelectronics M41T00AUD Datasheet HTML 42Page - STMicroelectronics M41T00AUD Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
M41T00AUD
Package mechanical data
39/44
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44