データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST26C31BDR データシート(PDF) 13 Page - STMicroelectronics

部品番号 ST26C31BDR
部品情報  CMOS quad 3-state differential line driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST26C31BDR データシート(HTML) 13 Page - STMicroelectronics

Back Button ST26C31BDR Datasheet HTML 7Page - STMicroelectronics ST26C31BDR Datasheet HTML 8Page - STMicroelectronics ST26C31BDR Datasheet HTML 9Page - STMicroelectronics ST26C31BDR Datasheet HTML 10Page - STMicroelectronics ST26C31BDR Datasheet HTML 11Page - STMicroelectronics ST26C31BDR Datasheet HTML 12Page - STMicroelectronics ST26C31BDR Datasheet HTML 13Page - STMicroelectronics ST26C31BDR Datasheet HTML 14Page - STMicroelectronics ST26C31BDR Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ST26C31B
Package mechanical data
13/15
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P7.98.1
0.311
0.319
Tape & reel TSSOP16 mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15