| データシートサーチシステム |
|
STTH1202 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH1202 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Characteristics STTH1202 2/10 1 Characteristics To evaluate the conduction losses use the following equation: P = 0.77 x IF(AV) + 0.015 x IF 2 (RMS) Table 1. Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 200 V VRSM Non repetitive peak reverse voltage 200 IF(RMS) RMS forward current 30 A IF(AV) Average forward current, δ = 0.5 TO-220AC Tc = 140° C 12 A TO-220AC Ins Tc = 130° C TO-220FPAC Tc = 105° C IFRM Repetitive peak forward current tp = 10 µs F = 5 kHz square 130 A IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 100 A Tstg Storage temperature range -65 to + 175 ° C Tj Maximum operating junction temperature 175 ° C Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case TO-220AC 2.5 ° C/W TO-220AC Ins 3 TO-220FPAC 5 Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = VRRM 10 µA Tj = 125° C 10 100 VF (2) Forward voltage drop Tj = 25° C IF = 12 A 1.0 1.10 V Tj = 150° C 0.82 0.95 Tj = 25° C IF = 15 A 1.15 Tj = 125° C 0.91 1.05 Tj = 150° C 0.87 1.0 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % |