データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST8024 データシート(PDF) 25 Page - STMicroelectronics

部品番号 ST8024
部品情報  Smartcard interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 データシート(HTML) 25 Page - STMicroelectronics

Back Button ST8024_08 Datasheet HTML 21Page - STMicroelectronics ST8024_08 Datasheet HTML 22Page - STMicroelectronics ST8024_08 Datasheet HTML 23Page - STMicroelectronics ST8024_08 Datasheet HTML 24Page - STMicroelectronics ST8024_08 Datasheet HTML 25Page - STMicroelectronics ST8024_08 Datasheet HTML 26Page - STMicroelectronics ST8024_08 Datasheet HTML 27Page - STMicroelectronics ST8024_08 Datasheet HTML 28Page - STMicroelectronics ST8024_08 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
ST8024
Package mechanical data
25/31
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31