データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM7E1 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STM7E1
部品情報  7 e 1 channels switch array
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1 データシート(HTML) 8 Page - STMicroelectronics

Back Button STM7E1 Datasheet HTML 4Page - STMicroelectronics STM7E1 Datasheet HTML 5Page - STMicroelectronics STM7E1 Datasheet HTML 6Page - STMicroelectronics STM7E1 Datasheet HTML 7Page - STMicroelectronics STM7E1 Datasheet HTML 8Page - STMicroelectronics STM7E1 Datasheet HTML 9Page - STMicroelectronics STM7E1 Datasheet HTML 10Page - STMicroelectronics STM7E1 Datasheet HTML 11Page - STMicroelectronics STM7E1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Pin configuration
STM7E1
8/16
Note:
1
All VNEG pins to be connected together on board.
2
All VPOS pins to be connected together on board.
58
Tx#1
IOA
Channel 1: TX line
59
Txs#1
IOA
Channel 1: TX spare port
61
Rxm#2
IOA
Channel 2: RX main port
62
Rx#2
IOA
Channel 2: RX line
63
Rxs#2
IOA
Channel 2: RX spare port
Table 6.
Pin description (continued)
Pin n°
Symbol
Type
Name and function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16