| データシートサーチシステム |
|
STUSB02EQR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB02EQR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 20 page ![]() STUSB02E Electrical characteristics 9/20 Table 9. DC electrical characteristics (Transceiver) (VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C, specifications over temperature, -40 to 85°C) Table 10. DC electrical characteristics (Transceiver) (VIF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C) (3) Pins D+, D- Symbol Parameter Test Conditions Min. Typ. Max. Unit ILO Hi-Z State data line leakage (suspend mode) VI = 0 to 3.3 V, SUS = 1 -10 10 µA VDI Differential input sensitivity |(D+) - (D-)| 0.2 V VCM Differential common mode range Includes VDI range 0.8 2.5 V VSE Single ended receiver threshold 0.8 2.0 V VRHYS Receiver hysteresis VCM = 0.8 V 100 mV VOL Static output low RL = 1.5 KΩ at 3.6V (see test circuit) 0.3 V VOH Static output high RL = 15 KΩ at GND (see test circuit) 2.8 3.6 V CI Transceiver capacitance Pin to GND 25 pF ZDRV Driver output resistance Steady state drive 9 22 Ω Symbol Parameter Test Conditions Min. Typ. Max. Unit ILO Hi-Z state data line leakage (suspend mode) VI = 0 to 3.3 V, SUS = 1 -2 2 µA VDI Differential input sensitivity |(D+) - (D-)| 0.2 V VCM Differential common mode range Includes VDI range 0.8 2.5 V VSE Single ended receiver threshold 0.8 2 V VRHYS Receiver hysteresis VCM = 0.8 V 50 mV VOL Static output low RL = 1.5 KΩ at 3.6V (see Test circuits) 0.3 V VOH Static output high RL = 15 KΩ at GND (see Test circuits) 2.8 3.6 V CI Transceiver Capacitance (3) Pin to GND 25 pF ZDRV Driver Output Resistance Steady state drive 16 Ω |