データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDE1747 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TDE1747
部品情報  Interface circuit - relay and lamp-driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1747 データシート(HTML) 13 Page - STMicroelectronics

Back Button TDE1747 Datasheet HTML 9Page - STMicroelectronics TDE1747 Datasheet HTML 10Page - STMicroelectronics TDE1747 Datasheet HTML 11Page - STMicroelectronics TDE1747 Datasheet HTML 12Page - STMicroelectronics TDE1747 Datasheet HTML 13Page - STMicroelectronics TDE1747 Datasheet HTML 14Page - STMicroelectronics TDE1747 Datasheet HTML 15Page - STMicroelectronics TDE1747 Datasheet HTML 16Page - STMicroelectronics TDE1747 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TDE1747
Package mechanical data
13/17
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17