データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL082CD データシート(PDF) 12 Page - STMicroelectronics

部品番号 TL082CD
部品情報  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082CD データシート(HTML) 12 Page - STMicroelectronics

Back Button TL082CD Datasheet HTML 8Page - STMicroelectronics TL082CD Datasheet HTML 9Page - STMicroelectronics TL082CD Datasheet HTML 10Page - STMicroelectronics TL082CD Datasheet HTML 11Page - STMicroelectronics TL082CD Datasheet HTML 12Page - STMicroelectronics TL082CD Datasheet HTML 13Page - STMicroelectronics TL082CD Datasheet HTML 14Page - STMicroelectronics TL082CD Datasheet HTML 15Page - STMicroelectronics TL082CD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package information
TL082 TL082A TL082B
12/17
6.1
DIP8 package information
Figure 22.
DIP8 package mechanical drawing
Table 4.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17