データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS393IDT データシート(PDF) 8 Page - STMicroelectronics

部品番号 TS393IDT
部品情報  Micropower dual CMOS voltage comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393IDT データシート(HTML) 8 Page - STMicroelectronics

Back Button TS393IDT Datasheet HTML 4Page - STMicroelectronics TS393IDT Datasheet HTML 5Page - STMicroelectronics TS393IDT Datasheet HTML 6Page - STMicroelectronics TS393IDT Datasheet HTML 7Page - STMicroelectronics TS393IDT Datasheet HTML 8Page - STMicroelectronics TS393IDT Datasheet HTML 9Page - STMicroelectronics TS393IDT Datasheet HTML 10Page - STMicroelectronics TS393IDT Datasheet HTML 11Page - STMicroelectronics TS393IDT Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
TS393
8/12
4.1
DIP8 package information
Figure 2.
DIP8 package mechanical drawing
Table 5.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12