データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS512AIYD データシート(PDF) 10 Page - STMicroelectronics

部品番号 TS512AIYD
部品情報  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512AIYD データシート(HTML) 10 Page - STMicroelectronics

Back Button TS512AIYD Datasheet HTML 6Page - STMicroelectronics TS512AIYD Datasheet HTML 7Page - STMicroelectronics TS512AIYD Datasheet HTML 8Page - STMicroelectronics TS512AIYD Datasheet HTML 9Page - STMicroelectronics TS512AIYD Datasheet HTML 10Page - STMicroelectronics TS512AIYD Datasheet HTML 11Page - STMicroelectronics TS512AIYD Datasheet HTML 12Page - STMicroelectronics TS512AIYD Datasheet HTML 13Page - STMicroelectronics TS512AIYD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Macromodels
TS512
10/16
4
Macromodels
4.1
Important note concerning this macromodel
Please consider the following remarks before using this macromodel.
●
All models are a trade-off between accuracy and complexity (i.e. simulation time).
●
Macromodels are not a substitute to breadboarding; rather, they confirm the validity of
a design approach and help to select surrounding component values.
●
A macromodel emulates the nominal performance of a typical device within specified
operating conditions (temperature, supply voltage, for example). Thus the
macromodel is often not as exhaustive as the datasheet, its purpose is to illustrate the
main parameters of the product.
Data derived from macromodels used outside of the specified conditions (VCC, temperature,
for example) or even worse, outside of the device operating conditions (VCC, Vicm, for
example), is not reliable in any way.
4.2
Macromodel code
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIVE POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
.SUBCKT TS512 1 3 2 4 5
********************************************************
.MODEL MDTH D IS=1E-8 KF=6.565195E-17 CJO=10F
* INPUT STAGE
CIP 2 5 1.000000E-12
CIN 1 5 1.000000E-12
EIP 10 5 2 5 1
EIN 16 5 1 5 1
RIP 10 11 2.600000E+01
RIN 15 16 2.600000E+01
RIS 11 15 1.061852E+02
DIP 11 12 MDTH 400E-12
DIN 15 14 MDTH 400E-12
VOFP 12 13 DC 0
VOFN 13 14 DC 0
IPOL 13 5 1.000000E-05
CPS 11 15 12.47E-10
DINN 17 13 MDTH 400E-12
VIN 17 5 1.500000e+00
DINR 15 18 MDTH 400E-12
VIP 4 18 1.500000E+00
FCP 4 5 VOFP 3.400000E+01
FCN 5 4 VOFN 3.400000E+01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16