データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS512AIYDT データシート(PDF) 13 Page - STMicroelectronics

部品番号 TS512AIYDT
部品情報  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512AIYDT データシート(HTML) 13 Page - STMicroelectronics

Back Button TS512AIYDT Datasheet HTML 8Page - STMicroelectronics TS512AIYDT Datasheet HTML 9Page - STMicroelectronics TS512AIYDT Datasheet HTML 10Page - STMicroelectronics TS512AIYDT Datasheet HTML 11Page - STMicroelectronics TS512AIYDT Datasheet HTML 12Page - STMicroelectronics TS512AIYDT Datasheet HTML 13Page - STMicroelectronics TS512AIYDT Datasheet HTML 14Page - STMicroelectronics TS512AIYDT Datasheet HTML 15Page - STMicroelectronics TS512AIYDT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TS512
Package information
13/16
Figure 23.
DIP8 package mechanical drawing
Table 5.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16