| データシートサーチシステム |
|
ST6208LB1/OTP データシート(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6208LB1/OTP データシート(HTML) 15 Page - STMicroelectronics |
|
15 / 104 page ![]() ST6208C/ST6209C/ST6210C/ST6220C 15/104 3.2 PROGRAMMING MODES 3.2.1 Program Memory EPROM/OTP programming mode is set by a +12.5V voltage applied to the TEST/VPP pin. The programming flow of the ST62T08C,T09C,T10C, T20C and E20C is described in the User Manual of the EPROM Programming Board. Table 3. ST6208C/09C Program Memory Map Table 4. ST6210C Program Memory Map Table 5. ST6220C Program Memory Map Note: OTP/EPROM devices can be programmed with the development tools available from STMicroelectronics (please refer to Section 12 on page 99). 3.2.2 EPROM Erasing The EPROM devices can be erased by exposure to Ultra Violet light. The characteristics of the MCU are such that erasure begins when the memory is exposed to light with a wave lengths shorter than approximately 4000Å. It should be noted that sun- light and some types of fluorescent lamps have wavelengths in the range 3000-4000Å. It is thus recommended that the window of the MCU packages be covered by an opaque label to prevent unintentional erasure problems when test- ing the application in such an environment. The recommended erasure procedure is exposure to short wave ultraviolet light which have a wave- length 2537Å. The integrated dose (i.e. U.V. inten- sity x exposure time) for erasure should be a mini- mum of 30W-sec/cm2. The erasure time with this dosage is approximately 30 to 40 minutes using an ultraviolet lamp with 12000µW/cm2 power rating. The EPROM device should be placed within 2.5cm (1inch) of the lamp tubes during erasure. Device Address Description 0000h-0B9Fh 0BA0h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Device Address Description 0000h-087Fh 0880h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Device Address Description 0000h-007Fh 0080h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector 1 |