| データシートサーチシステム |
|
TS912AID データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS912AID データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 18 page ![]() TS912 Ordering information 17/18 6 Ordering information 7 Revision history Table 6. Order codes Part number Temperature range Package Packing Marking TS912IN -40°C, +125°C DIP8 Tube TS912IN TS912AIN TS912AIN TS912ID TS912IDT SO-8 Tube or Tape & reel 912I TS912AID TS912AIDT 912AI TS912BID TS912BIDT 912BI TS912IYD TS912IYDT(1) 1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. SO-8 (Automotive grade level) 912IY TS912AIYD TS912AIYDT(1) 912AIY TS912BIYD TS912BIYDT(1) 912BY Table 7. Document revision history Date Revision Changes 4-Dec.-2001 1 First release. 31-Jul-2005 2 PPAP references inserted in the datasheet, see order codes table. ESD protection inserted in AMR table. 3-Oct-2005 3 Some errors in the Order Codes table were corrected. Reorganization of Section 4: Macromodel. 13-Feb- 2006 4 Parameters added in AMR table (Tj, ESD, Rthja, Rthjc). 16-Oct-2007 5 Corrected units and ESD footnotes in Table 1: Absolute maximum ratings. Corrected misalignments in electrical characteristics table. Updated Section 4: Macromodel. Added missing automotive grade order codes and footnote in Table 6: Order codes. Format update. |