データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSH70 データシート(PDF) 27 Page - STMicroelectronics

部品番号 TSH70
部品情報  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70 データシート(HTML) 27 Page - STMicroelectronics

Back Button TSH70_06 Datasheet HTML 23Page - STMicroelectronics TSH70_06 Datasheet HTML 24Page - STMicroelectronics TSH70_06 Datasheet HTML 25Page - STMicroelectronics TSH70_06 Datasheet HTML 26Page - STMicroelectronics TSH70_06 Datasheet HTML 27Page - STMicroelectronics TSH70_06 Datasheet HTML 28Page - STMicroelectronics TSH70_06 Datasheet HTML 29Page - STMicroelectronics TSH70_06 Datasheet HTML 30Page - STMicroelectronics TSH70_06 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TSH70,71,72,73,74,75
Package Mechanical Data
27/33
6.3
SO-14 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S˚ (max.)
SO-14 MECHANICAL DATA
PO13G
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33