| データシートサーチシステム |
|
TSH80ILT データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH80ILT データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 24 page ![]() Electrical characteristics TSH80-TSH81-TSH82 6/24 Table 4. VCC + = +5V, V CC - = -5V, V ic = GND, Tamb = 25 °C (unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit |Vio| Input offset voltage Tamb= 25°C Tmin < Tamb < Tmax 0.8 10 12 mV ΔVio Input offset voltage drift vs. temperature Tmin < Tamb < Tmax 2 μV/°C Iio Input offset current Tamb= 25°C Tmin < Tamb < Tmax 0.1 3.5 5 μA Iib Input bias current Tamb= 25°C Tmin < Tamb < Tmax 615 20 μA Cin Input capacitance 0.7 pF ICC Supply current per operator Tamb= 25°C Tmin < Tamb < Tmax 9.8 12.3 13.4 mA CMR Common mode rejection ratio ( δVic/δVio) -4.9 < Vic < 3.9V and Vout=GND Tamb= 25°C Tmin < Tamb < Tmax 81 72 106 dB SVR Supply voltage rejection ratio ( δVCC/δVio) Tamb= 25°C Tmin < Tamb < Tmax 71 65 77 dB PSR Power supply rejection ratio ( δVCC/δVout) Positive & negative rail 75 dB Avd Large signal voltage gain RL=150Ω connected to GND Vout= -4 to +4 Tamb= 25°C Tmin < Tamb < Tmax 75 70 86 dB Io |Source| Vid=+1, Vout connected to 1.5V Tamb= 25°C Tmin < Tamb < Tmax 35 28 55 mA Sink Vid=-1, Vout connected to 1.5V Tamb= 25°C Tmin < Tamb < Tmax 30 28 55 Voh High level output voltage Tamb= 25°C RL = 150Ω connected to GND RL = 600Ω connected to GND RL = 2kΩ connected to GND RL = 10kΩ connected to GND Tmin < Tamb < Tmax RL = 150Ω connected to GND 4.2 4.1 4.36 4.85 4.9 4.93 V Vol Low level output voltage Tamb= 25°C RL = 150Ω connected to GND RL = 600Ω connected to GND RL = 2kΩ connected to GND RL = 10kΩ connected to GND Tmin < Tamb < Tmax RL = 150Ω connected to GND -4.63 -4.86 -4.9 -4.93 -4.4 -4.3 mV |