| データシートサーチシステム |
|
TSH70CLT データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH70CLT データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 33 page ![]() Order Codes TSH70,71,72,73,74,75 2/33 1 Order Codes Part Number Temperature Range Package Packing Marking TSH70CLT 0°C to 70°C SOT23-5 Tape & Reel K301 TSH70CD/CDT SO-8 Tube or Tape & Reel 70C TSH71CD/CDT SO-8 Tube or Tape & Reel 71C TSH71CPT TSSOP8 (Thin Shrink Outline Package) Tape & Reel 71C TSH72CD/CDT SO-8 Tube or Tape & Reel 72C TSH72CPT TSSOP8 (Thin Shrink Outline Package) Tape & Reel 72C TSH73CD/CDT SO-14 Tube or Tape & Reel 73C TSH73CPT TSSOP14 (Thin Shrink Outline Package) Tape & Reel 73C TSH74CD/CDT SO-14 Tube or Tape & Reel 74C TSH74CPT TSSOP14 (Thin Shrink Outline Package) Tape & Reel 74C TSH75CD/CDT SO-16 Tube or Tape & Reel 75C TSH75CPT TSSOP16 (Thin Shrink Outline Package) Tape & Reel 75C |