データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSH71CDT データシート(PDF) 29 Page - STMicroelectronics

部品番号 TSH71CDT
部品情報  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH71CDT データシート(HTML) 29 Page - STMicroelectronics

Back Button TSH71CDT Datasheet HTML 25Page - STMicroelectronics TSH71CDT Datasheet HTML 26Page - STMicroelectronics TSH71CDT Datasheet HTML 27Page - STMicroelectronics TSH71CDT Datasheet HTML 28Page - STMicroelectronics TSH71CDT Datasheet HTML 29Page - STMicroelectronics TSH71CDT Datasheet HTML 30Page - STMicroelectronics TSH71CDT Datasheet HTML 31Page - STMicroelectronics TSH71CDT Datasheet HTML 32Page - STMicroelectronics TSH71CDT Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
TSH70,71,72,73,74,75
Package Mechanical Data
29/33
6.5
SO-16 Package
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.004
0.008
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S8
˚ (max.)
SO-16 MECHANICAL DATA
PO13H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33