データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT32 データシート(PDF) 4 Page - STMicroelectronics

部品番号 74ACT32
部品情報  QUAD 2-INPUT OR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT32 データシート(HTML) 4 Page - STMicroelectronics

  74ACT32_01 Datasheet HTML 1Page - STMicroelectronics 74ACT32_01 Datasheet HTML 2Page - STMicroelectronics 74ACT32_01 Datasheet HTML 3Page - STMicroelectronics 74ACT32_01 Datasheet HTML 4Page - STMicroelectronics 74ACT32_01 Datasheet HTML 5Page - STMicroelectronics 74ACT32_01 Datasheet HTML 6Page - STMicroelectronics 74ACT32_01 Datasheet HTML 7Page - STMicroelectronics 74ACT32_01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74ACT32
4/8
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8