データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLC5412 データシート(PDF) 54 Page - STMicroelectronics

部品番号 STLC5412
部品情報  2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5412 データシート(HTML) 54 Page - STMicroelectronics

Back Button STLC5412 Datasheet HTML 50Page - STMicroelectronics STLC5412 Datasheet HTML 51Page - STMicroelectronics STLC5412 Datasheet HTML 52Page - STMicroelectronics STLC5412 Datasheet HTML 53Page - STMicroelectronics STLC5412 Datasheet HTML 54Page - STMicroelectronics STLC5412 Datasheet HTML 55Page - STMicroelectronics STLC5412 Datasheet HTML 56Page - STMicroelectronics STLC5412 Datasheet HTML 57Page - STMicroelectronics STLC5412 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
Table 9: READ BACK MESSAGES
FUNCTION
BYTE 1
BYTE 2
AD7/4
AD3/1
AD0
7
6
5
4
3
2
1
0
OPR
0010
000
1
CIE
EIE
FIE
OB1
OB0
0C1
0C0
C2E
CR1
0010
001
1
FF1
FF0
CK2
CK1
CK0
DDM
CMS
BEX
CR2
0010
010
1
SFS
NTS
DMO
DEN
ETC
BP1
BP2
RR
CR3
0010
011
1
LB1
LB2
LBD
DB1
DB2
DBD
TLB
T15D
CR4
0010
100
1
EB1
EB2
ED
FFIT
ESFr
CTLIO
MOB
CTC
CR5
0010
101
1
I04
I03
I02
I01
D4
D3
D2
D1
CR6
0010
110
1
T1SE
ACTUAT
PUPAUT
QM
AIS
TFB0
RFS
LFS
CR7
0010
111
1
0
0
0
0
0
LOCK
PL2EN
DECT
TXB1
0011
000
1
0
0
B1X5
B1X4
B1X3
B1X2
B1X1
B1X0
TXB2
0011
001
1
0
0
B2X5
B2X4
B2X3
B2X2
B2X1
B2X0
RXB1
0011
010
1
0
0
B1R5
B1R4
B1R3
B1R2
B1R1
B1R0
RXB2
0011
011
1
0
0
B2R5
B2R4
B2R3
B2R2
B2R1
B2R0
TXD
0011
100
1
DX5
DX4
DX3
DX2
DX1
DX0
SX1
SX0
RXD
0011
101
1
DR5
DR4
DR3
DR2
DR1
DR0
SR1
SR0
TXM4
0100
000
1
0
M42x
M43x
M44x
M45x
M46x
0
M48x
TXM56
0100
001
1
0
0
0
M51x
M61x
M52x
FEBx
FEBx
TXACT
0100
010
1
0
0
0
0
C4x
C3x
C2x
C1x
BEC1
0100
011
1
c7
c6
c5
c4
c3
c2
c1
c0
BEC2
0100
100
1
c7
c6
c5
c4
c3
c2
c1
c0
ECT1
0100
101
1
ECT17
ECT16
ECT15
ECT14
ECT13
ECT12
ECT11
ECT10
ECT2
0100
110
1
ECT27
ECT26
ECT25
ECT24
ECT23
ECT22
ECT21
ECT20
TXEOC
0110
EFG
H
XEOC1
XEOC2
XEOC3
XEOC4
XEOC5
XEOC6
XEOC7
XEOC8
IDR
1000
CCC
C
0
0
0
0
1
0
0
0
DECTEOC
1011
EFG
H
DEOC1 DEOC2 DEOC3 DEOC4
DEOC5 DEOC6 DEOC7 DEOC8
DBAUD
1100
000
1
DBAUD7
DBAUD6
DBAUD5 DBAUD4 DBAUD3 DBAUD2 DBAUD1 DBAUD0
DTXRX
1100
001
1
DTXRX7
DTXRX6
DTXRX5
DTXRX4
DTXRX3
DTXRX2
DTXRX1
DTXRX0
Notes:
1. For all these registers with the exception of TXEOC, bit 0 of BYTE 1 is set to 1 to indicate read-ba ck message.
2. CR5 configuration/status register is listed with status registers.
3. Bit 7 of BYTE 1 is the first clocked out from the UID.
4. M42x is significant in NT mode only
Table 10: SPONTANEOUS OR DRIVEN MESSAGES
FUNCTION
BYTE 1
BYTE 2
AD7/4
AD3/1
AD0
7
6
5
4
3
2
1
0
CR5
0010
101
0
IO4
IO3
IO2
IO1
D4
D3
D2
D1
STATUS
0011
111
0
PWDN
0
0
0
RxFFU
RxFFO
TxFFU
TxFFO
RXM4
0100
000
0
M41R
M42R
M43R
M44R
M45R
M46R
M47R
M48R
RXM56
0100
001
0
0
0
0
M51R
M61R
M52R
FEBR
NEBR
RXACT
0100
010
0
0
0
0
0
C4R
C3R
C2R
C1R
BEC1
0100
011
0
c7
c6
c5
c4
c3
c2
c1
c0
BEC2
0100
100
0
c7
c6
c5
c4
c3
c2
c1
c0
RXEOC
0101
EFG
H
REOC1
REOC2
REOC3
REOC4
REOC5
REOC6
REOC7
REOC8
Notes:
1. All status registers can be read by setting first the appropriate command. At any status change, an interrupt cycle is issued.
2. In the RXEOC register:
E = ea1
F= ea2
G = ea3
H = d=0/m = 1
3. For all These registers with the exception of RXEOC, bit 0 of BYTE 1 is set to 0 to indicate a s tatus register.
STLC5412
54/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74