| データシートサーチシステム |
|
STLC5445 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5445 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 23 page ![]() 11/23 STLC5445 Figure 3. Microprocessor WRITE timing Notes: 1. If tCLWL is negative tWLWH is measured from CS_ rather than fromWR_. 2. If tWHCH is negative, tWHWL, tWLWH, tDAWH and tWHDZ are measured from CS_ rather than fromWR_. The propagation delay from the writing of the T/I bit to the effect on the INT pin is approximately 1ms for both mask and enabl e operations. Figure 4. Microprocessor READ timing Notes: 1. If tCLRL is negative, tRHRL, tRLRH, tAZRL, and tRLDA are measured from CS_ rather than RD_. 2. If tRHCH is negative, tRHRL, tRLRH and tRHDZ are measured from CS_ rather than RD_. When a read from the LER immediately follows a write to the LER a minimum of 1ms is required between these operations tAHAL tADAL tADAZ tCLRL (Note 1) tRHCH (Note 2) tAZRL tRLRH tRHRL tRLDA tRHDZ Read Data DATA RD CS AO ALE D94TL108A tADDA tAHAL tADAL tADAZ tCLWL (Note 1) tWHCH (Note 2) tWLWH tWHWL tDAWH tWHDZ Write Data DATA WR CS AO ALE D94TL109A INT (Note 3) tAZWL |