| データシートサーチシステム |
|
STLC5465B データシート(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5465B データシート(HTML) 33 Page - STMicroelectronics |
|
33 / 101 page ![]() III - FUNCTIONAL DESCRIPTION (continued) TDM 0, 2 if PCM at 4 Mb/s GCI side DIN4/5 SCRAMBLER up to 32 SWITCHING MATRIX RX MON controllers up to 16 C/I interrupt Queue, MON interrupt Queue, located in shared memory Microprocessor RX C/I controllers up to 16 for primitives Interrupt controller Extension TX C/I controllers up to 16 for A, E, S1 to S4 SBV 1 SCR D, A, E S1 to S4 B1, B2 by timeslot for the 16 controllers Figure 16: From GCI Channels to ISDN Channels STLC5465B 33/101 |