| データシートサーチシステム |
|
74LCX652RM13TR データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LCX652RM13TR データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() M74LCX652 3/16 Table 3: Truth Table X : Don’t Care Z : High Impedance Qn : The data stored to the internal flip-flops by most recent low to high transition of the clock inputs * : The data at the A and B bus will be stored to the internal flip-flops on every low to high transition of the clock inputs. GAB GBA CAB CBA SAB SBA A B FUNCTION LH INPUTS INPUTS Both the A bus and the B bus are inputs X X X X Z Z The Output functions of the A and B bus are disabled X X INPUTS INPUTS Both the A and B bus are used for inputs to the internal flip-flops. Data at the bus will be stored on low to high transition of the clock inputs. LL OUTPUTS INPUTS The A bus are outputs and the B bus are inputs X* X X L LL The data at the B bus are displayed at the A bus HH X* X L L L The data at the B bus are displayed at the A bus. The data of the B bus are stored to internal flip-flop on low to high transition of the clock pulse HH X* X X H Qn X The data stored to the internal flip-flop are displayed at the A bus. X* X H L L The data at the B bus are stored to the internal flip-flop on low to high transition of the clock pulse. The states of the internal flip-flops output directly to the A bus. HH HH INPUTS OUTPUTS The A bus are inputs and the B bus are outputs. XX* L X LL The data at the A bus are displayed at the B bus HH X* L X L L The data at the A bus are displayed at the B bus. The data of the A bus are stored to the internal flip-flop on low to high transition of the clock pulse. HH XX*H X X Qn The data stored to the internal flip-flops are displayed at the B bus X* H X L L The data at the A bus are stored to the internal flip-flop on low to high transition of the clock pulse. The states of the internal flip-flops output directly to the B bus. X* H X H H HL OUTPUTS OUTPUTS Both the A bus and the B bus are outputs XXH H Qn Qn The data stored to the internal flip-flops are displayed at the A and B bus respectively. |