データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC245A データシート(PDF) 9 Page - STMicroelectronics

部品番号 74LVC245A
部品情報  LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC245A データシート(HTML) 9 Page - STMicroelectronics

Back Button 74LVC245A Datasheet HTML 4Page - STMicroelectronics 74LVC245A Datasheet HTML 5Page - STMicroelectronics 74LVC245A Datasheet HTML 6Page - STMicroelectronics 74LVC245A Datasheet HTML 7Page - STMicroelectronics 74LVC245A Datasheet HTML 8Page - STMicroelectronics 74LVC245A Datasheet HTML 9Page - STMicroelectronics 74LVC245A Datasheet HTML 10Page - STMicroelectronics 74LVC245A Datasheet HTML 11Page - STMicroelectronics 74LVC245A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
74LVC245A
9/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
30.4
1.197
Ao
10.8
11
0.425
0.433
Bo
13.2
13.4
0.520
0.528
Ko
3.1
3.3
0.122
0.130
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel SO-20 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12