データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STG3159 データシート(PDF) 12 Page - STMicroelectronics

部品番号 STG3159
部品情報  Low voltage 1Ω max single SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3159 データシート(HTML) 12 Page - STMicroelectronics

Back Button STG3159 Datasheet HTML 8Page - STMicroelectronics STG3159 Datasheet HTML 9Page - STMicroelectronics STG3159 Datasheet HTML 10Page - STMicroelectronics STG3159 Datasheet HTML 11Page - STMicroelectronics STG3159 Datasheet HTML 12Page - STMicroelectronics STG3159 Datasheet HTML 13Page - STMicroelectronics STG3159 Datasheet HTML 14Page - STMicroelectronics STG3159 Datasheet HTML 15Page - STMicroelectronics STG3159 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Package mechanical data
STG3159
12/18
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18