データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE1601 データシート(PDF) 49 Page - STMicroelectronics

部品番号 STMPE1601
部品情報  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 データシート(HTML) 49 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 45Page - STMicroelectronics STMPE1601 Datasheet HTML 46Page - STMicroelectronics STMPE1601 Datasheet HTML 47Page - STMicroelectronics STMPE1601 Datasheet HTML 48Page - STMicroelectronics STMPE1601 Datasheet HTML 49Page - STMicroelectronics STMPE1601 Datasheet HTML 50Page - STMicroelectronics STMPE1601 Datasheet HTML 51Page - STMicroelectronics STMPE1601 Datasheet HTML 52Page - STMicroelectronics STMPE1601 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
STMPE1601
Keypad controller
49/61
KPC_CTRL_lsb
Keypad controller control (LSB)
Address:
0x64
Type:
R/W
Reset:
0x00
Description:
Keypad control register.
7
6
5
432
10
DB[6:0]
SCAN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
000
00
[7:1] DB_6:0:
0-128 ms of de-bounce time
[0] SCAN:
1: to start scanning
0: to stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61