| データシートサーチシステム |
|
STP24DP05 データシート(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP24DP05 データシート(HTML) 19 Page - STMicroelectronics |
|
19 / 26 page ![]() STP24DP05 Feature description 19/26 7.7 EFLAG/TFLAG - output detection and overtemperature monitoring The open-drain output EFLAG and TFLAG are used to report the STP24DP05 error flags. During normal operating conditions, the voltage on EFLAG/TFLAG is pulledup through an external resistor. When an error is detected, the internal switch is turned on, to GND. Figure 16. TF and EF test circuit |