データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP24DP05BTR データシート(PDF) 19 Page - STMicroelectronics

部品番号 STP24DP05BTR
部品情報  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05BTR データシート(HTML) 19 Page - STMicroelectronics

Back Button STP24DP05BTR Datasheet HTML 15Page - STMicroelectronics STP24DP05BTR Datasheet HTML 16Page - STMicroelectronics STP24DP05BTR Datasheet HTML 17Page - STMicroelectronics STP24DP05BTR Datasheet HTML 18Page - STMicroelectronics STP24DP05BTR Datasheet HTML 19Page - STMicroelectronics STP24DP05BTR Datasheet HTML 20Page - STMicroelectronics STP24DP05BTR Datasheet HTML 21Page - STMicroelectronics STP24DP05BTR Datasheet HTML 22Page - STMicroelectronics STP24DP05BTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STP24DP05
Feature description
19/26
7.7
EFLAG/TFLAG - output detection and overtemperature
monitoring
The open-drain output EFLAG and TFLAG are used to report the STP24DP05 error flags.
During normal operating conditions, the voltage on EFLAG/TFLAG is pulledup through an
external resistor. When an error is detected, the internal switch is turned on, to GND.
Figure 16. TF and EF test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26