データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST4G3235 データシート(PDF) 19 Page - STMicroelectronics

部品番号 ST4G3235
部品情報  4-bit dual supply bus buffer level translator with a side series resistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST4G3235 データシート(HTML) 19 Page - STMicroelectronics

Back Button ST4G3235 Datasheet HTML 13Page - STMicroelectronics ST4G3235 Datasheet HTML 14Page - STMicroelectronics ST4G3235 Datasheet HTML 15Page - STMicroelectronics ST4G3235 Datasheet HTML 16Page - STMicroelectronics ST4G3235 Datasheet HTML 17Page - STMicroelectronics ST4G3235 Datasheet HTML 18Page - STMicroelectronics ST4G3235 Datasheet HTML 19Page - STMicroelectronics ST4G3235 Datasheet HTML 20Page - STMicroelectronics ST4G3235 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
ST4G3235
Package mechanical data
19/21
Figure 8.
Reel dimensions
Table 14. Flip-Chip11 tape and reel information
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
178
6.926
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
49
50
51
1.929
1.969
2.008
T
12.4
0.488
Ao
2.29
2.34
2.39
0.090
0.092
0.094
Bo
1.65
1.70
1.75
0.065
0.067
0.069
Ko
0.76
0.81
0.86
0.030
0.032
0.034
Po
3.9
4
4.1
0.153
0.157
0.161
P
3.9
4
4.1
0.153
0.157
0.161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21