データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM1068C30F38F データシート(PDF) 16 Page - STMicroelectronics

部品番号 STM1068C30F38F
部品情報  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068C30F38F データシート(HTML) 16 Page - STMicroelectronics

Back Button STM1068C30F38F Datasheet HTML 12Page - STMicroelectronics STM1068C30F38F Datasheet HTML 13Page - STMicroelectronics STM1068C30F38F Datasheet HTML 14Page - STMicroelectronics STM1068C30F38F Datasheet HTML 15Page - STMicroelectronics STM1068C30F38F Datasheet HTML 16Page - STMicroelectronics STM1068C30F38F Datasheet HTML 17Page - STMicroelectronics STM1068C30F38F Datasheet HTML 18Page - STMicroelectronics STM1068C30F38F Datasheet HTML 19Page - STMicroelectronics STM1068C30F38F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DC and AC characteristics
STM1068
16/22
Pass gate between PKX and POX
RDS(on)
Static pass gate on resistance
300
Ω
1.
Valid for ambient operating temperature: TA = –30°C to +85°C; VCC = 2.7 V to 5.5 V (except where noted).
2.
Guaranteed by design.
3.
For VCC below VTH-, the output remains low down to VCC = 1 V. Below VCC = 1 V the voltage VIN must be less than VOUT-OL
(max.) to guarantee output low voltage less than 0.3 V.
Table 6.
DC and AC characteristics (continued)
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22