| データシートサーチシステム |
|
STM1068C40F38F データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1068C40F38F データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 22 page ![]() Operation STM1068 8/22 2 Operation The STM1068 device monitors supply voltage VCC and logic states of EN and INH inputs. According to detected states is the output OUT connected to VIN or GND and the pass gate between PKX and POX is either enabled or disabled (see Table 2, Table 3 , and Figure 11 for more details). 2.1 Output, OUT If the enable input is in a logic high state and inhibit input is in a logic low state, the output will be connected to VIN input as VCC rises above the VTH+ voltage threshold. Otherwise, the output is connected to ground GND. The output is current limited (see Table 6). 2.2 Enable input, EN A logic low on the enable input disconnects the output, OUT, from VIN, the POX will follow the PKX and the device enters a standby mode with very low current consumption (see Table 6). 2.3 Inhibit input, INH A logic high on the inhibit input disconnects the output, OUT, from VIN and the POX will follow the PKX. 2.4 Pass gate, PKX and POX Pass gate between PKX and POX is disabled only if enable input is in logic high, inhibit input is in logic low and the supply voltage is below the voltage threshold. Table 2. Truth table for output, OUT EN(1) 1. Once the device is disabled by EN input, the VCC must be above VTH+ to reconnect output to VIN. INH VCC OUT L x x connected to GND x H x connected to GND xx <VTH+ (rising edge) <VTH- (falling edge) connected to GND HL >VTH+ (rising edge) >VTH- (falling edge) connected to VIN |