| データシートサーチシステム |
|
STM1068CF38F データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1068CF38F データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 22 page ![]() STM1068 Maximum ratings 13/22 4 Maximum ratings Stressing the device above the rating listed in the “Absolute maximum ratings” table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 4. Absolute maximum ratings Symbol Parameter Min Typ Max Unit Remarks VCC Supply voltage –0.2 +7.0 V VIN Output source voltage –0.2 +7.0 V Independent of VCC VEN VBUS input –0.2 VCC + 0.3 V Series 1M external resistor for protection VOUT Output pin –0.3 VIN + 0.3 V VINH Inhibit pin –0.3 VCC + 0.3 V VESD Electrostatic protection –2 +2 kV Human body model (all pins) –8 +8 kV Human body model (PKX only) VESD Electrostatic protection –500 +500 V Charged device model VESD Electrostatic protection –100 +100 V Machine model VESD Point discharge on PKX key –8 +8 kV IEC61000-4-2 VESD Air discharge on PKX key –15 +15 kV IEC61000-4-2 TA Operating ambient temperature –30 +85 °C Storage temperature –45 +150 °C |